PART |
Description |
Maker |
2SA1943 |
150 Watt Silicon PNP Power Transistors
|
Thinki Semiconductor Co., L...
|
2SD2098 |
NPN Silicon Epitaxial Planar Tra nsistor
|
SeCoS Halbleitertechnologie GmbH
|
NTE5000A NTE5060A NTE5035A NTE5045A NTE5001A NTE50 |
CABLE ASSEMBLY; 75 OHM TNC MALE TO 75 OHM BNC MALE; 75 OHM, RG6A/U COAX; 12" CABLE LENGTH (NTE5000A - NTE5060A) Zener Diode / 1/2 Watt 5% Tolerance 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Diode, 1/2 Watt ±5% Tolerance Zener Diode, 1/2 Watt 【5% Tolerance Zener Diode, 1/2 Watt -5% Tolerance Zener Diode, 1/2 Watt 5% Tolerance 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Diode, 1/2 Watt % Tolerance 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 150 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SA1998 |
600mW Lead frame PNP transistor, maximum rating: -20V Vceo, -2A Ic, 150 to 500 hFE. FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE MICRO(FRAME TYPE)
|
Isahaya Electronics Corporation
|
MP30A25 |
Power Rheostats 150 Watt
|
Vishay Intertechnology,Inc.
|
TMP150 TMP150-12 TMP150-15 TMP150-19 TMP150-24 TMP |
150 WATT MEDICAL POWER ADAPTERS
|
Tumbler Technologies TRUMPower
|
KSA910YSHTA |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 50 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
KSA733R KSA733Y KSA733 KSA733CG KSA733CL KSA733CO |
PNP Epitaxial Silicon Transistor Low Frequency Amplifier 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Collector-Base Voltage : VCBO= -60V
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
2SA1015-GR 2SA1015-Y 2SA1015-O |
PNP Silicon Plastic-Encapsulate Transistor 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC
|
MJH1101706 MJH11022G MJH11017 MJH11018 MJH11018G M |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS
|
ONSEMI[ON Semiconductor]
|